PART |
Description |
Maker |
MR2400FR MR2401FR MR2402FR MR2404FR MR2408FR MR241 |
24 Amp Fast Recovery Rectifiers 50-1000 Volt
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
JANTXV1N827ATR-2 JANS1N827ATR-2 JANTXV1N827TR-2 JA |
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Microsemi, Corp. Microsemi Corporation
|
HER507 HER504 HER505 HER508 HER502 HER503 HER501 H |
5.0 Amp High Efficient Rectiffiers 50 to 1000 Volts 5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
ISL6313CRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
ARF466FL ARF466FL10 |
RF MOSFET for 100-300 Volt Operation; P(out) (W): 300; fO (MHz): 45; VDD (V): 200; BVDSS (V): 1000; RqJC (ºC/Watt): 0.27; Case Style: T2; COO: A-E VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
|
Microsemi, Corp. Microsemi Corporation
|
LT323A LT323AK LT323AT LT123AK LT323 LM123 LT0123 |
From old datasheet system 5 Volt, 3 Amp Voltage Regulator 5 Volt/ 3 Amp Voltage Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
AD8045ACP-R2 AD8045ARDZ-REEL7 AD8045ARD-REEL AD804 |
3 nV/Hz Ultralow Distortion, High Speed Op Amp OP-AMP, 1000 uV OFFSET-MAX, PDSO8 3 nV/Hz Ultralow Distortion, High Speed Op Amp OP-AMP, 1000 uV OFFSET-MAX, DSO8
|
Analog Devices, Inc.
|
MAX420 MAX420CPA MAX420CPD MAX420CWE MAX420EPA MAX |
±15V Chopper Stabilized Op Amps ±15 Volt Chopper Stabilized Operational Amplifier 15V Volt Chopper Stabilized Operational Amplifier 【15 VOLT CHOPPER STABILIZED OPERATIONAL AMPLIFIER OP-AMP|SINGLE|CMOS|SOP|16PIN|PLASTIC OP-AMP, 20 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO16 ±15V Chopper Stabilized Op Amps OP-AMP, 20 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
CMR1U-01M10 CMR1U-10M CMR1U-06M CMR1U-04M CMR1U-02 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS 1 A, 1000 V, SILICON, SIGNAL DIODE
|
Central Semiconductor Corp
|
CMR1U-0110 CMR1U-10 CMR1U-02 CMR1U-06 CMR1U-04 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS 1 A, 1000 V, SILICON, SIGNAL DIODE
|
Central Semiconductor Corp
|
FCPS-24S6 FCPS-24S8 |
6-Amp and 8-Amp 24-Volt Remote Power Supplies
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
ISL5585FCR-T ISL5585ECRZ-T ISL5585ECR-T ISL5585FCR |
3.3V Ringing SLIC Family for Voice Over Broadband (VOB) 3.3 Volt Ringing SLIC Family for Voice Over Broadband (VOB); Temperature Range: 0°C to 70°C; Package: 32-QFN T&R TELECOM-SLIC, PQCC32
|
Intersil Corporation Intersil, Corp.
|